Part Number Hot Search : 
A1604 SI2141 W91510 L560A MTV048 LTC3528B BD738 2PG302
Product Description
Full Text Search
 

To Download 74HC245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74HC245 Octal 3-State Noninverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The 74HC245 is identical in pinout to the LS245. The device inputs are compatible with standard CMOS outputs; with pull-up resistors, they are compatible with LSTTL outputs. The HC245 is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A.
Features http://onsemi.com MARKING DIAGRAMS
20 20 1 TSSOP-20 DT SUFFIX CASE 948E 1 HC 245 ALYW G G
* * * * * * * * *
Output Drive Capability: 15 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 mA High Noise Immunity Characteristic of CMOS Devices In Compliance with the Requirements Defined by JEDEC Standard No. 7A ESD Performance: HBM > 2000 V; Machine Model > 200 V Chip Complexity: 308 FETs or 77 Equivalent Gates This is a Pb-Free Device
HC245 A L Y W G
= Device Code = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
March, 2007 - Rev. 1
1
Publication Order Number: 74HC245/D
74HC245
DIRECTION A1 A2 A3 A4 A5 A6 A7 A8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OUTPUT ENABLE B1 B2 B3 B4 B5 B6 B7 B8 DIRECTION OUTPUT ENABLE A DATA PORT A1 A2 A3 A4 A5 A6 A7 A8 2 3 4 5 6 7 8 9 1 19 PIN 10 = GND PIN 20 = VCC 18 17 16 15 14 13 12 11 B1 B2 B3 B4 B5 B6 B7 B8 B DATA PORT
Figure 1. Pin Assignment
Figure 2. Logic Diagram
FUNCTION TABLE
Control Inputs Output Enable L L H X = don't care Direction L H X Operation Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High-Impedance State)
ORDERING INFORMATION
Device 74HC245DTR2G Package TSSOP-20* Shipping 2500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
74HC245
MAXIMUM RATINGS (Note 1)
Symbol VCC VIN VOUT IIK IOK IOUT ICC IGND TSTG TL TJ qJA PD MSL FR VESD ILATCHUP DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance Power Dissipation in Still Air at 85_C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Latchup Performance Oxygen Index: 30% to 35% Human Body Model (Note 3) Machine Model (Note 4) Above VCC and Below GND at 85_C (Note 5) TSSOP TSSOP (Note 2) Parameter Value *0.5 to )7.0 *0.5 to VCC )0.5 *0.5 to VCC )0.5 $20 $35 $35 $75 $75 *65 to )150 260 )150 128 450 Level 1 UL 94 V-0 @ 0.125 in u2000 u200 $300 V mA Unit V V V mA mA mA mA mA _C _C _C _C/W mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 20 ounce copper trace with no air flow. 2. IO absolute maximum rating must observed. 3. Tested to EIA/JESD22-A114-A. 4. Tested to EIA/JESD22-A115-A. 5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 3) VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V _C ns
http://onsemi.com
3
74HC245
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit Symbol VIH Parameter Minimum High-Level Input Voltage Test Conditions Vout = VCC - 0.1 V |Iout| v 20 mA Vout = 0.1 V |Iout| v 20 mA Vin = VIH |Iout| v 20 mA Vin = VIH |Iout| v 2.4 mA |Iout| v 6.0 mA |Iout| v 7.8 mA VOL Maximum Low-Level Output Voltage Vin = VIL |Iout| v 20 mA Vin = VIL |Iout| v 2.4 mA |Iout| v 6.0 mA |Iout| v 7.8 mA Iin IOZ ICC Maximum Input Leakage Current Maximum Three-State Leakage Current Maximum Quiescent Supply Current (per Package) Vin = VCC or GND Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND Iout = 0 mA VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 2.0 4.5 6.0 3.0 4.5 6.0 6.0 6.0 -55 to 25_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.1 0.5 v 85_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 1.0 5.0 v 125_C 1.5 2.1 3.15 4.2 0.5 0.9 1.35 1.8 1.9 4.4 5.9 2.2 3.7 5.2 0.1 0.1 0.1 0.4 0.4 0.4 1.0 10 mA mA V Unit V
VIL
Maximum Low-Level Input Voltage
V
VOH
Minimum High-Level Output Voltage
V
6.0
4.0
40
40
mA
6. Information on typical parametric values and high frequency or heavy load considerations can be found in the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit Symbol tPLH, tPHL tPLZ, tPHZ tPZL, tPZH tTLH, tTHL Cin Cout Maximum Propagation Delay, A to B, B to A (Figures 1 and 3) Maximum Propagation Delay, Direction or Output Enable to A or B (Figures 2 and 4) Maximum Propagation Delay, Output Enable to A or B (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance (Pin 1 or Pin 19) Maximum Three-State I/O Capacitance (I/O in High-Impedance State) Parameter VCC V 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 2.0 3.0 4.5 6.0 - - -55 to 25_C 75 55 15 13 110 90 22 19 110 90 22 19 60 23 12 10 10 15 v 85_C 95 70 19 16 140 110 28 24 140 110 28 24 75 27 15 13 10 15 v 125_C 110 80 22 19 165 130 33 28 165 130 33 28 90 32 18 15 10 15 Unit ns
ns
ns
ns
pF pF
7. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High-Speed CMOS Data Book (DL129/D). Typical @ 25C, VCC = 5.0 V 40 CPD Power Dissipation Capacitance (Per Transceiver Channel) (Note 8) pF 8. Used to determine the no-load dynamic power consumption: P D = CPD VCC2 f + ICC VCC . For load considerations, see the ON Semiconductor High-Speed CMOS Data Book (DL129/D).
http://onsemi.com
4
74HC245
DIRECTION tr INPUT A OR B tPLH OUTPUT B OR A 90% 50% 10% 90% 50% 10% tTLH tPHL tf VCC GND
50%
VCC GND VCC
OUTPUT ENABLE
50% tPZL 50% tPZH tPHZ tPLZ 10% 90%
GND HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE
A OR B tTHL
A OR B
50%
Figure 3. Switching Waveform
Figure 4. Switching Waveform
TEST POINT OUTPUT DEVICE UNDER TEST CL* DEVICE UNDER TEST
TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL*
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 5. Test Circuit
Figure 6. Test Circuit
http://onsemi.com
5
74HC245
A1
2 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 B8 B7 B6 B5 B4 B DATA PORT B3 B2 B1
A2
A3
A4 A DATA PORT
A5
A6
A7
A8
DIRECTION
1
OUTPUT ENABLE
19
Figure 7. Expanded Logic Diagram
http://onsemi.com
6
74HC245
PACKAGE DIMENSIONS
TSSOP-20 CASE 948E-02 ISSUE C
20X
K REF
M
2X
L/2
20
11
J J1 B -U- N
L
PIN 1 IDENT 1 10
0.15 (0.006) T U
S
A -V-
N F DETAIL E -W-
DIM A B C D F G H J J1 K K1 L M
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
16X
16X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
IIII IIII IIII
SECTION N-N 0.25 (0.010) M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
K K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.65 PITCH
DIMENSIONS: MILLIMETERS
74HC245
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
74HC245/D


▲Up To Search▲   

 
Price & Availability of 74HC245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X